Part Number Hot Search : 
0CNQ0 M13252DH ITS410 46V32M16 FJV4105R DTB543EE W78L54 5C253
Product Description
Full Text Search
 

To Download SBTC-2-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount
Power Splitter/Combiners
2 Way-0 50
Maximum Ratings
Operating Temperature Storage Temperature Power Input (as a splitter) Internal Dissipation -40C to 85C -55C to 100C 0.5W max. 0.125W max.
NEW!
SBTC-2-10 SBTC-2-10L
5 to 1000 MHz
Features
* * * * * * * * low insertion loss, 0.3 dB typ. excellent amplitude unbalance, 0.1 dB typ. very good phase unbalance, 1.0 deg. typ. temperature stable, BLUE CELLTM base solder plated leads for excellent solderability small size low cost patent pending
No Leads CASE STYLE:AT790 PRICE: $2.49 ea. QTY (25) $1.69 ea. QTY (1000) Leads CASE STYLE:AT1029 PRICE: $2.64 ea. QTY (25) $1.84 ea. QTY (1000)
Pin Connections
SUM PORT PORT 1 PORT 2 GROUND 6 3 4 1,2
Applications
* cellular * UHF/VHF receivers/transmitters
NOT USED
5
Outline Drawing
AT790
FREQ. RANGE (MHz)
fL-fU 5-1000
Splitter Electrical Specifications
ISOLATION (dB) INSERTION LOSS (dB) ABOVE 3.0 dB
M U Typ. Max. Typ. Max. 0.3 0.8 0.5 1.4
PHASE UNBALANCE (Degrees)
L Max. 3 M Max. 3 U Max. 5
AMPLITUDE UNBALANCE (dB)
L Max. 0.6 M Max. 0.5 U Max. 0.5
M L U L Typ. Min. Typ. Min. Typ. Min. Typ. Max. 29 20 25 18 21 16 0.3 0.7
AT1029
L = low range [fL to 10 fL]
M = mid range [10 fL to fU/2]
U = upper range [fU/2 to fU]
Typical Performance Data
Frequency (MHz)
5.00 7.00 10.00 50.00 70.00
Insertion Loss (dB) (dB) S-1 S-2
3.25 3.24 3.26 3.26 3.28 3.29 3.34 3.38 3.39 3.45 3.48 3.45 3.47 3.49 3.52 3.12 3.11 3.13 3.15 3.16 3.18 3.24 3.30 3.34 3.44 3.50 3.52 3.59 3.67 3.76
Amplitude Unbalance (dB)
0.13 0.13 0.13 0.12 0.12 0.11 0.10 0.08 0.05 0.02 0.02 0.07 0.12 0.18 0.24
Isolation (dB)
30.21 31.41 32.34 31.93 31.37 30.43 28.05 26.00 24.32 23.24 21.78 21.08 20.74 20.62 20.71
Phase Unbalance (deg.)
0.41 0.32 0.13 0.06 0.07 0.12 0.20 0.24 0.26 0.28 0.28 0.21 0.09 0.06 0.27
VSWR S
1.03 1.02 1.02 1.02 1.03 1.03 1.05 1.06 1.07 1.08 1.10 1.10 1.09 1.08 1.06
VSWR 1
1.17 1.16 1.15 1.14 1.14 1.13 1.12 1.11 1.09 1.07 1.05 1.02 1.03 1.06 1.10
VSWR 2
1.14 1.12 1.12 1.11 1.11 1.10 1.10 1.09 1.08 1.07 1.06 1.05 1.06 1.08 1.11
AT790 & AT1029
100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00
Outline Dimensions ( inch) mm
AT790 A B C D E F G H J K .150 .150 .150 .050 .030 .025 .028 .050 .160 .030 3.81 3.81 3.81 1.27 0.76 0.64 0.71 1.27 4.06 0.76 wt. grams .10
AT1029
A B C D E F G H J K L wt. .166 .150 .155 .050 .037 .025 .012 .060 .184 .030 .004 grams 4.22 3.81 3.94 1.27 0.94 0.64 0.30 1.52 4.67 0.76 0.10 .10
INSERTION LOSS (dB)
SBTC-2-10L INSERTION LOSS 5.0 at RF level of -10 dBm S-1(dB) 4.0 3.0 2.0 1.0 0.0 0 100 200 300 400 500 600 700
40 S-2(dB) ISOLATION (dB) 30
at RF level of -10 dBm
SBTC-2-10L ISOLATION
Reflow Solder Assembly Silver-bearing solder (Sn/Pb/Ag 62/36/2%) is recommended; however, tin-lead eutectic (Sn/Pb 63/37%) may be used. For temperature profiles, see Application Note AN-40-004
20
Demo Board MCL P/N: TB-274 Suggested PCB Layout (PL-152)
10
0 800 900 1000 0 100 200 300 400 500 600 700 800 900 1000 FREQUENCY (MHz)
FREQUENCY (MHz) SBTC-2-10L at RF level of -10 dBm VSWR #S-VSWR 1.20 1.15 1.10 1.05 1.00 0 100 200 300 400 500 600 700 800 900 1000 FREQUENCY (MHz) #1-VSWR #2-VSWR
1.25
VSWR
REV. D M89618 SBTC-2-10 ED-9227 SBTC-2-10L ED-9915D/2 WZ/TD/CP 040212
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED


▲Up To Search▲   

 
Price & Availability of SBTC-2-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X